Part Number Hot Search : 
09105 SG2821 BY126 2702E LT1151 GMBT4403 2N4909 CH5048
Product Description
Full Text Search
 

To Download CAT24C16VP21-GT3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? semiconductor components industries, llc, 2013 july, 2013 ? rev. 27 1 publication order number: cat24c01/d cat24c01, cat24c02, cat24c04, cat24c08, cat24c16 1-kb, 2-kb, 4-kb, 8-kb and 16-kb i 2 c cmos serial eeprom description the cat24c01/02/04/08/16 are 1 ? kb, 2 ? kb, 4 ? kb, 8 ? kb and 16 ? kb respectively cmos serial eeprom devices organized internally as 8/16/32/64 and 128 pages respectively of 16 bytes each. all devices support both the standard (100 khz) as well as fast (400 khz) i 2 c protocol. data is written by providing a starting address, then loading 1 to 16 contiguous bytes into a page write buffer, and then writing all data to non ? volatile memory in one internal write cycle. data is read by providing a starting address and then shifting out data serially while automatically incrementing the internal address count. external address pins make it possible to address up to eight cat24c01 or cat24c02, four cat24c04, two cat24c08 and one cat24c16 device on the same bus. features ? supports standard and fast i 2 c protocol ? 1.7 v to 5.5 v supply voltage range ? 16 ? byte page write buffer ? hardware write protection for entire memory ? schmitt triggers and noise suppression filters on i 2 c bus inputs (scl and sda) ? low power cmos technology ? more than 1,000,000 program/erase cycles ? 100 year data retention ? industrial and extended temperature range ? these devices are pb ? free, halogen free/bfr free and are rohs compliant sda scl wp v cc v ss 1 2 3 4 8 7 6 5 cat24c__ 16 / 08 / 04 / 02 / 01 nc //// nc nc nc nc nc a 0 a 0 a 1 a 1 a 1 a 2 a 2 a 2 a 2 //// //// pin configuration pdip (l), soic (w), tssop (y), msop (z), * the tdfn (vp2) package is not recommended for new designs. tdfn, (vp2)*, udfn ? ep (hu4) (top view) see detailed ordering and shipping information in the package dimensions section on page 19 of this data sheet. ordering information http://onsemi.com soic ? 8 w suffix case 751bd tsot ? 23 td suffix case 419ae pdip ? 8 l suffix case 646aa tssop ? 8 y suffix case 948al msop ? 8 z suffix case 846ad tdfn ? 8* vp2 suffix case 511ak v cc wp sda v ss scl 1 2 3 5 4 tsot ? 23 (td), tsop ? 5** (ts) (top view) pin configurations udfn8 ? ep hu4 suffix case 517az wlcsp ? 4*** c4a suffix case 567dc wlcsp ? 5*** c5a suffix case 567dd *** wlcsp are available for the cat24c04, cat24c08 and cat24c16 only. top marking for wlcsp x = specific device x = code 4 = 24c04 8 = 24c08 6 = 24c16 y = production year (last digit) m = production month (1 ? 9, o, n, d) wlcsp ? 4 wlcsp ? 5 wlcsp ? 4*** wlcsp ? 5*** (top views) wp scl sda scl sda pin 1 a 123 12 b c a b pin 1 v cc v ss v cc v ss x x y m y m pin 1 (ball down) pin 1 tsop ? 5** ts suffix case 483 ** tsop are available for the cat24c02 only.
cat24c01, cat24c02, cat24c04, cat24c08, cat24c16 http://onsemi.com 2 scl wp cat24cxx figure 1. functional symbol v ss sda v cc a 2 , a 1 , a 0 table 1. pin function pin name ? function a0, a1, a2 device address input sda serial data input/output scl serial clock input wp write protect input v cc power supply v ss ground nc no connect ?the exposed pad for the tdfn/udfn packages can be left floating or connected to ground. table 2. absolute maximum ratings parameters ratings units storage temperature ? 65 to +150 c voltage on any pin with respect to ground (note 1) ? 0.5 to +6.5 v stresses exceeding maximum ratings may damage the device. maximum ratings are stress ratings only. functional operation above t he recommended operating conditions is not implied. extended exposure to stresses above the recommended operating conditions may af fect device reliability. 1. during input transitions, voltage undershoot on any pin should not exceed ? 1 v for more than 20 ns. voltage overshoot on pins a 0 , a 1 , a 2 and wp should not exceed v cc + 1 v for more than 20 ns, while voltage on the i 2 c bus pins, scl and sda, should not exceed the absolute maximum ratings, irrespective of v cc . table 3. reliability characteristics (note 2) symbol parameter min units n end (note 3) endurance 1,000,000 program / erase cycles t dr data retention 100 years 2. these parameters are tested initially and after a design or process change that affects the parameter according to appropriat e aec ? q100 and jedec test methods. 3. page mode, v cc = 5 v, 25 c. table 4. d.c. operating characteristics (v cc = 1.8 v to 5.5 v, t a = ? 40 c to +125 c and v cc = 1.7 v to 5.5 v, t a = ? 40 c to +85 c, unless otherwise specified.) symbol parameter test conditions min max units i ccr read current read, f scl = 400 khz 1 ma i ccw write current write, f scl = 400 khz 2 ma i sb standby current all i/o pins at gnd or v cc t a = ? 40 c to +85 c v cc 3.3 v 1  a t a = ? 40 c to +85 c v cc > 3.3 v 3 t a = ? 40 c to +125 c 5 i l i/o pin leakage pin at gnd or v cc 2  a v il input low voltage ? 0.5 0.3 x v cc v v ih input high voltage a 0 , a 1 , a 2 and wp 0.7 x v cc v cc + 0.5 v scl and sda 0.7 x v cc 5.5 v ol output low voltage v cc > 2.5 v, i ol = 3 ma 0.4 v cc < 2.5 v, i ol = 1 ma 0.2
cat24c01, cat24c02, cat24c04, cat24c08, cat24c16 http://onsemi.com 3 table 5. pin impedance characteristics (v cc = 1.8 v to 5.5 v, t a = ? 40 c to +125 c and v cc = 1.7 v to 5.5 v, t a = ? 40 c to +85 c, unless otherwise specified.) symbol parameter conditions max units c in (note 4) sda pin capacitance v in = 0 v, f = 1.0 mhz, v cc = 5.0 v 8 pf other pins 6 pf i wp (note 5) wp input current v in < v ih , v cc = 5.5 v 130  a v in < v ih , v cc = 3.3 v 120 v in < v ih , v cc = 1.7 v 80 v in > v ih 2 i a (note 5) address input current (a0, a1, a2) product rev h: cat24c02 product rev k: cat24c04, cat24c08, cat24c16 v in < v ih , v cc = 5.5 v 50  a v in < v ih , v cc = 3.3 v 35 v in < v ih , v cc = 1.7 v 25 v in > v ih 2 4. these parameters are tested initially and after a design or process change that affects the parameter according to appropriat e aec ? q100 and jedec test methods. 5. when not driven, the wp, a0, a1 and a2 pins are pulled down to gnd internally. for improved noise immunity, the internal pull ? down is relatively strong; therefore the external driver must be able to supply the pull ? down current when attempting to drive the input high. to conserve power, as the input level exceeds the trip point of the cmos input buffer (~ 0.5 x vcc), the strong pull ? down reverts to a weak current source. table 6. a.c. characteristics (note 6) (v cc = 1.8 v to 5.5 v, t a = ? 40 c to +125 c and v cc = 1.7 v to 5.5 v, t a = ? 40 c to +85 c, unless otherwise specified.) symbol parameter standard fast units min max min max f scl clock frequency 100 400 khz t hd:sta start condition hold time 4 0.6  s t low low period of scl clock 4.7 1.3  s t high high period of scl clock 4 0.6  s t su:sta start condition setup time 4.7 0.6  s t hd:dat data in hold time 0 0  s t su:dat data in setup time 250 100 ns t r sda and scl rise time 1000 300 ns t f (note 6) sda and scl fall time 300 300 ns t su:sto stop condition setup time 4 0.6  s t buf bus free time between stop and start 4.7 1.3  s t aa scl low to data out valid 3.5 0.9  s t dh data out hold time 100 100 ns t i (note 6) noise pulse filtered at scl and sda inputs 100 100 ns t su:wp wp setup time 0 0  s t hd:wp wp hold time 2.5 2.5  s t wr write cycle time 5 5 ms t pu (notes 7, 8) power ? up to ready mode 1 1 ms 6. test conditions according to ?ac test conditions? table. 7. tested initially and after a design or process change that affects this parameter. 8. t pu is the delay between the time v cc is stable and the device is ready to accept commands.
cat24c01, cat24c02, cat24c04, cat24c08, cat24c16 http://onsemi.com 4 table 7. a.c. test conditions input drive levels 0.2 x v cc to 0.8 x v cc input rise and fall time  50 ns input reference levels 0.3 x v cc , 0.7 x v cc output reference level 0.5 x v cc output test load current source i ol = 3 ma (v cc  2.5 v); i ol = 1 ma (v cc < 2.5 v); c l = 100 pf power ? on reset (por) each cat24cxx* incorporates power ? on reset (por) circuitry which pro tects the internal logic against powering up in the wrong state. a cat24cxx device will power up into standby mode after v cc exceeds the por trigger level and will power down into reset mode when v cc drops below the por trigger level. this bi ? directional por feature protects the device against ?brown ? out? failure following a temporary loss of power. *for common features, the cat24c01/02/04/08/16 will be referred to as cat24cxx. pin description scl : the serial clock input pin accepts the serial clock generated by the master. sda : the serial data i/o pin receives input data and transmits data stored in eeprom. in transmit mode, this pin is open drain. data is acquired on the positive edge, and is delivered on the negative edge of scl. a0, a1 and a2 : the address inputs set the device address when cascading multiple devices. when not driven, these pins are pulled low internally. wp : the write protect input pin inhibits all write operations, when pulled high. when not driven, this pin is pulled low internally. functional description the cat24cxx supports the inter ? integrated circuit (i 2 c) bus data transmission protocol, which defines a device that sends data to the bus as a transmitter and a device receiving data as a receiver. data flow is controlled by a master device, which generates the serial clock and all start and stop conditions. the cat24cxx acts as a slave device. master and slave alternate as either transmitter or receiver. i 2 c bus protocol the i 2 c bus consists of two ?wires?, scl and sda. the two wires are connected to the v cc supply via pull ? up resistors. master and slave devices connect to the 2 ? wire bus via their respective scl and sda pins. the transmitting device pulls down the sda line to ?transmit? a ?0? and releases it to ?transmit? a ?1?. data transfer may be initiated only when the bus is not busy (see ac characteristics). during data transfer, the sda line must remain stable while the scl line is high. an sda transition while scl is high will be interpreted as a start or stop condition (figure 2). the start condition precedes all commands. it consists of a high to low transition on sda while scl is high. the start acts as a ?wake ? up? call to all receivers. absent a start, a slave will not respond to commands. the stop condition completes all commands. it consists of a low to high transition on sda while scl is high. note: the i/o pins of cat24cxx do not obstruct the scl and sda lines if the vcc supply is switched off. during power ? up, the scl and sda pins (connected with pull ? up resistors to vcc) will follow the vcc monotonically from vss (0 v) to nominal vcc value, regardless of pull ? up resistor value. the delta between the vcc and the instantaneous voltage levels during power ramping will be determined by the relation between bus time constant (determined by pull ? up resistance and bus capacitance) and actual vcc ramp rate. device addressing the master initiates data transfer by creating a start condition on the bus. the master then broadcasts an 8 ? bit serial slave address. for normal read/write operations, the first 4 bits of the slave address are fixed at 1010 (ah). the next 3 bits are used as programmable address bits when cascading multiple devices and/or as internal address bits. the last bit of the slave address, r/w, specifies whether a read (1) or write (0) operation is to be performed. the 3 address space extension bits are assigned as illustrated in figure 3. a 2 , a 1 and a 0 must match the state of the external address pins, and a 10 , a 9 and a 8 are internal address bits. acknowledge after processing the slave address, the slave responds with an acknowledge (ack) by pulling down the sda line during the 9th clock cycle (figure 4). the slave will also acknowledge the address byte and every data byte presented in write mode. in read mode the slave shifts out a data byte, and then releases the sda line during the 9 th clock cycle. as long as the master acknowledges the data, the slave will continue transmitting. the master terminates the session by not acknowledging the last data byte (noack) and by issuing a stop condition. bus timing is illustrated in figure 5.
cat24c01, cat24c02, cat24c04, cat24c08, cat24c16 http://onsemi.com 5 start condition stop condition sda scl figure 2. start/stop timing 1010 a 10 a 9 a 8 r/w cat24c16 1010 a 2 a 9 a 8 r/w cat24c08 1010 a 2 a 1 a 8 r/w cat24c04 1010 a 2 a 1 a 0 r/w cat24c01 and cat24c02 figure 3. slave address bits 189 start scl from master bus release delay (transmitter) bus release delay (receiver) data output from transmitter data output from receiver ack delay (  t aa ) ack setup (  t su:dat ) figure 4. acknowledge timing scl sda in sda out t buf figure 5. bus timing t su:sto t su:dat t dh t r t low t aa t hd:dat t high t low t hd:sda t f t su:sta
cat24c01, cat24c02, cat24c04, cat24c08, cat24c16 http://onsemi.com 6 write operations byte write in byte write mode, the master sends the start condition and the slave address with the r/w bit set to zero to the slave. after the slave generates an acknowledge, the master sends the byte address that is to be written into the address pointer of the cat24cxx. after receiving another acknowledge from the slave, the master transmits the data byte to be written into the addressed memory location. the cat24cxx device will acknowledge the data byte and the master generates the stop condition, at which time the device begins its internal write cycle to nonvolatile memory (figure 6). while this internal cycle is in progress (t wr ), the sda output will be tri ? stated and the cat24cxx will not respond to any request from the master device (figure 7). page write the cat24cxx writes up to 16 bytes of data in a single write cycle, using the page write operation (figure 8). the page write operation is initiated in the same manner as the byte write operation, however instead of terminating after the data byte is transmitted, the master is allowed to send up to fifteen additional bytes. after each byte has been transmitted the cat24cxx will respond with an acknowledge and internally increments the four low order address bits. the high order bits that define the page address remain unchanged. if the master transmits more than sixteen bytes prior to sending the stop condition, the address counter ?wraps around? to the beginning of page and previously transmitted data will be overwritten. once all sixteen bytes are received and the stop condition has been sent by the master, the internal write cycle begins. at this point all received data is written to the cat24cxx in a single write cycle. acknowledge polling the acknowledge (ack) polling routine can be used to take advantage of the typical write cycle time. once the stop condition is issued to indicate the end of the host?s write operation, the cat24cxx initiates the internal write cycle. the ack polling can be initiated immediately. this involves issuing the start condition followed by the slave address for a write operation. if the cat24cxx is still busy with the write operation, noack will be returned. if the cat24cxx has completed the internal write operation, an ack will be returned and the host can then proceed with the next read or write operation. hardware write protection with the wp pin held high, the entire memory is protected against write operations. if the wp pin is left floating or is grounded, it has no impact on the operation of the cat24cxx. the state of the wp pin is strobed on the last falling edge of scl immediately preceding the first data byte (figure 9). if the wp pin is high during the strobe interval, the cat24cxx will not acknowledge the data byte and the write request will be rejected. delivery state the cat24cxx is shipped erased, i.e., all bytes are ffh. address byte data byte slave address s a c k a c k a c k s t o p p s t a r t bus activity: master slave * for the cat24c01 a 7 = 0 a 7 ? a 0 d 7 ? d 0 figure 6. byte write sequence
cat24c01, cat24c02, cat24c04, cat24c08, cat24c16 http://onsemi.com 7 t wr stop condition start condition address ack 8 th bit byte n scl sda figure 7. write cycle timing a c k a c k a c k s t o p s a c k a c k s t a r t p slave address n = 1 p  15 address byte n n+1 n+p bus activity: master slave data byte data byte data byte figure 8. page write sequence 1891 8 a 7 a 0 d 7 d 0 t su:wp t hd:wp address byte data byte scl sda wp figure 9. wp timing
cat24c01, cat24c02, cat24c04, cat24c08, cat24c16 http://onsemi.com 8 read operations immediate read upon receiving a slave address with the r/w bit set to ?1?, the cat24cxx will interpret this as a request for data residing at the current byte address in memory. the cat24cxx will acknowledge the slave address, will immediately shift out the data residing at the current address, and will then wait for the master to respond. if the master does not acknowledge the data (noack) and then follows up with a stop condition (figure 10), the cat24cxx returns to standby mode. selective read selective read operations allow the master device to select at random any memory location for a read operation. the master device first performs a ?dummy? write operation by sending the start condition, slave address and byte address of the location it wishes to read. after the cat24cxx acknowledges the byte address, the master device resends the start condition and the slave address, this time with the r/w bit set to one. the cat24cxx then responds with its acknowledge and sends the requested data byte. the master device does not acknowledge the data (noack) but will generate a stop condition (figure 11). sequential read if during a read session, the master acknowledges the 1 st data byte, then the cat24cxx will continue transmitting data residing at subsequent locations until the master responds with a noack, followed by a stop (figure 12). in contrast to page write, during sequential read the address count will automatically increment to and then wrap ? around at end of memory (rather than end of page). in the cat24c01, the internal address count will not wrap around at the end of the 128 byte memory space. scl sda 8 th bit stop no ack data out 89 slave address s a c k d ata byte n o a c k s t o p p s t a r t bus activity: master slave figure 10. immediate read sequence and timing slave s a c k n o a c k s t o p p s t a r t s a c k slave address a c k s t a r t d ata byte address byte address bus activity: master slave figure 11. selective read sequence s t o p p slave address a c k a c k a c k n o a c k a c k d ata byte n d ata byte n+1 d ata byte n+2 d ata byte n+x bus activity: master slave figure 12. sequential read sequence
cat24c01, cat24c02, cat24c04, cat24c08, cat24c16 http://onsemi.com 9 package dimensions pdip ? 8, 300 mils case 646aa issue a e1 d a l eb b2 a1 a2 e eb c top view side view end view pin # 1 identification notes: (1) all dimensions are in millimeters. (2) complies with jedec ms-001. symbol min nom max a a1 a2 b b2 c d e e1 l 0.38 2.92 0.36 6.10 1.14 0.20 9.02 2.54 bsc 3.30 5.33 4.95 0.56 7.11 1.78 0.36 10.16 eb 7.87 10.92 e 7.62 8.25 2.92 3.80 3.30 0.46 6.35 1.52 0.25 9.27 7.87
cat24c01, cat24c02, cat24c04, cat24c08, cat24c16 http://onsemi.com 10 package dimensions soic 8, 150 mils case 751bd issue o e1 e a a1 h l c e b d pin # 1 identification top view side view end view notes: (1) all dimensions are in millimeters. angles in degrees. (2) complies with jedec ms-012. symbol min nom max a a1 b c d e e1 e h 0o 8o 0.10 0.33 0.19 0.25 4.80 5.80 3.80 1.27 bsc 1.75 0.25 0.51 0.25 0.50 5.00 6.20 4.00 l 0.40 1.27 1.35
cat24c01, cat24c02, cat24c04, cat24c08, cat24c16 http://onsemi.com 11 package dimensions tssop8, 4.4x3 case 948al issue o e1 e a2 a1 e b d c a top view side view end view  1 l1 l notes: (1) all dimensions are in millimeters. angles in degrees. (2) complies with jedec mo-153. symbol min nom max a a1 a2 b c d e e1 e l1 0o 8o l 0.05 0.80 0.19 0.09 0.50 2.90 6.30 4.30 0.65 bsc 1.00 ref 1.20 0.15 1.05 0.30 0.20 0.75 3.10 6.50 4.50 0.90 0.60 3.00 6.40 4.40
cat24c01, cat24c02, cat24c04, cat24c08, cat24c16 http://onsemi.com 12 package dimensions msop 8, 3x3 case 846ad issue o e1 e a2 a1 e b d c a top view side view end view l1 l2 l detail a detail a notes: (1) all dimensions are in millimeters. angles in degrees. (2) complies with jedec mo-187. symbol min nom max  a a1 a2 b c d e e1 e l 0o 6o l2 0.05 0.75 0.22 0.13 0.40 2.90 4.80 2.90 0.65 bsc 0.25 bsc 1.10 0.15 0.95 0.38 0.23 0.80 3.10 5.00 3.10 0.60 3.00 4.90 3.00 l1 0.95 ref 0.10 0.85
cat24c01, cat24c02, cat24c04, cat24c08, cat24c16 http://onsemi.com 13 package dimensions tdfn8, 2x3 case 511ak issue a pin#1 identificatio n e2 e a3 eb d a2 top view side view bottom view pin#1 index area front view a1 a l d2 notes: (1) all dimensions are in millimeters. (2) complies with jedec mo-229. symbol min nom max a 0.70 0.75 0.80 a1 0.00 0.02 0.05 a3 0.20 ref b 0.20 0.25 0.30 d 1.90 2.00 2.10 d2 1.30 1.40 1.50 e 3.00 e2 1.20 1.30 1.40 e 2.90 0.50 typ 3.10 l 0.20 0.30 0.40 a2 0.45 0.55 0.65
cat24c01, cat24c02, cat24c04, cat24c08, cat24c16 http://onsemi.com 14 package dimensions tsot ? 23, 5 lead case 419ae issue o e1 e a2 a1 e b d c a top view side view end view l1 l l2 notes: (1) all dimensions are in millimeters. angles in degrees. (2) complies with jedec mo-193. symbol min nom max  a a1 a2 b c d e e1 e l 0o 8o l1 l2 0.01 0.80 0.30 0.12 0.30 0.05 0.87 0.15 2.90 bsc 2.80 bsc 1.60 bsc 0.95 typ 0.40 0.60 ref 0.25 bsc 1.00 0.10 0.90 0.45 0.20 0.50
cat24c01, cat24c02, cat24c04, cat24c08, cat24c16 http://onsemi.com 15 package dimensions tsop ? 5 case 483 ? 02 issue h notes: 1. dimensioning and tolerancing per asme y14.5m, 1994. 2. controlling dimension: millimeters. 3. maximum lead thickness includes lead finish thickness. minimum lead thickness is the minimum thickness of base material. 4. dimensions a and b do not include mold flash, protrusions, or gate burrs. 5. optional construction: an additional trimmed lead is allowed in this location. trimmed lead not to extend more than 0.2 from body. dim min max millimeters a 3.00 bsc b 1.50 bsc c 0.90 1.10 d 0.25 0.50 g 0.95 bsc h 0.01 0.10 j 0.10 0.26 k 0.20 0.60 l 1.25 1.55 m 0 10 s 2.50 3.00 123 54 s a g l b d h c j  0.7 0.028 1.0 0.039  mm inches  scale 10:1 0.95 0.037 2.4 0.094 1.9 0.074 *for additional information on our pb ? free strategy and soldering details, please download the on semiconductor soldering and mounting techniques reference manual, solderrm/d. soldering footprint* 0.20 5x c ab t 0.10 2x 2x t 0.20 note 5 t seating plane 0.05 k m detail z detail z
cat24c01, cat24c02, cat24c04, cat24c08, cat24c16 http://onsemi.com 16 package dimensions udfn8, 2x3 extended pad case 517az issue o 0.065 ref copper exposed e2 d2 l e pin #1 index area pin #1 identification dap size 1.8 x 1.8 detail a d a1 b e a top view side view front view detail a bottom view a3 0.065 ref 0.0 - 0.05 a3 notes: (1) all dimensions are in millimeters. (2) refer jedec mo-236/mo-252. symbol min nom max a 0.45 0.50 0.55 a1 0.00 0.02 0.05 a3 0.127 ref b 0.20 0.25 0.30 d 1.95 2.00 2.05 d2 1.35 1.40 1.45 e 3.00 e2 1.25 1.30 1.35 e 2.95 0.50 ref 3.05 l 0.25 0.30 0.35 a
cat24c01, cat24c02, cat24c04, cat24c08, cat24c16 http://onsemi.com 17 package dimensions wlcsp4, 0.84x0.86 case 567dc issue d seating plane 0.10 c notes: 1. dimensioning and tolerancing per asme y14.5m, 1994. 2. controlling dimension: millimeters. 3. datum c, the seating plane, is defined by the spherical crowns of the contact balls. 4. coplanarity applies to spherical crowns of the contact balls. 5. dimension b is measured at the maximum contact ball diameter parallel to datum c. 2x dim a min max 0.28 millimeters a1 d 0.84 bsc e b 0.16 0.20 e 0.40 bsc 0.38 d e a b pin a1 reference e 0.05 c 4x b 12 b a 0.10 c a1 a2 c 0.08 0.12 0.86 bsc 0.10 c 2x top view side view bottom view note 4 e a2 0.23 ref pitch 0.18 4x dimensions: millimeters *for additional information on our pb ? free strategy and soldering details, please download the on semiconductor soldering and mounting techniques reference manual, solderrm/d. soldering footprint* 0.40 0.40 recommended a1 package outline pitch note 3 a note 5 a m 0.10 b c detail a a3* 0.025 ref * die coat (optional) detail a a2 a a3* * die coat (optional)
cat24c01, cat24c02, cat24c04, cat24c08, cat24c16 http://onsemi.com 18 package dimensions wlcsp5, 0.86x0.84 case 567dd issue c seating plane 0.10 c notes: 1. dimensioning and tolerancing per asme y14.5m, 1994. 2. controlling dimension: millimeters. 3. datum c, the seating plane, is defined by the spherical crowns of the contact balls. 4. coplanarity applies to spherical crowns of the contact balls. 5. dimension b is measured at the maximum con- tact ball diameter parallel to datum c. 2x dim a min max 0.29 millimeters a1 d 0.86 bsc e b 0.14 0.18 e 0.30 bsc 0.39 d e a b pin a1 reference e 0.05 c 5x b 13 c a 0.10 c a1 a c 0.10 0.14 0.84 bsc 0.10 c 2x top view side view bottom view e1 a2 0.23 ref pitch 0.16 5x dimensions: millimeters *for additional information on our pb ? free strategy and soldering details, please download the on semiconductor soldering and mounting techniques reference manual, solderrm/d. soldering footprint* 0.52 0.30 recommended a1 package outline pitch note 3 a2 note 4 a m 0.10 b c e1 0.52 bsc pin a1 reference b 2 5x
cat24c01, cat24c02, cat24c04, cat24c08, cat24c16 http://onsemi.com 19 ordering information cat24c01 ordering information device order number specific device marking package type temperature range (note 9) lead finish shipping cat24c01tdi ? gt3 mm tsot ? 23 ? 5 industrial nipdau tape & reel, 3,000 units / reel cat24c01vp2i ? gt3* ee tdfn ? 8 industrial nipdau tape & reel, 3,000 units / reel cat24c01wi ? gt3 24c01wi soic ? 8 industrial nipdau tape & reel, 3,000 units / reel cat24c01we ? gt3 24c01wi soic ? 8 extended nipdau tape & reel, 3,000 units / reel cat24c01yi ? gt3 c01 tssop ? 8 industrial nipdau tape & reel, 3,000 units / reel cat24c01ye ? gt3 c01 tssop ? 8 extended nipdau tape & reel, 3,000 units / reel cat24c01zi ? gt3 abmk msop ? 8 industrial nipdau tape & reel, 3,000 units / reel cat24c02 ordering information (notes 10, 11) device order number specific device marking package type temperature range (note 9) lead finish shipping cat24c02wi ? g 24c02h soic ? 8 industrial nipdau tube, 100 units / tube cat24c02wi ? ga 24c02h soic ? 8 industrial nipdau tube, 100 units / tube cat24c02wi ? gt3 24c02h soic ? 8 industrial nipdau tape & reel, 3,000 units / reel cat24c02wi ? gt3a 24c02h soic ? 8 industrial nipdau tape & reel, 3,000 units / reel cat24c02we ? gt3 24c02h soic ? 8 extended nipdau tape & reel, 3,000 units / reel cat24c02we ? gt3a 24c02h soic ? 8 extended nipdau tape & reel, 3,000 units / reel cat24c02yi ? g c02h tssop ? 8 industrial nipdau tube, 100 units / tube cat24c02yi ? ga c02h tssop ? 8 industrial nipdau tube, 100 units / tube cat24c02yi ? gt3 c02h tssop ? 8 industrial nipdau tape & reel, 3,000 units / reel cat24c02yi ? gt3a c02h tssop ? 8 industrial nipdau tape & reel, 3,000 units / reel cat24c02ye ? gt3 c02h tssop ? 8 extended nipdau tape & reel, 3,000 units / reel cat24c02ye ? gt3a c02h tssop ? 8 extended nipdau tape & reel, 3,000 units / reel cat24c02vp2i ? gt3* c1t tdfn ? 8 industrial nipdau tape & reel, 3,000 units / reel cat24c02vp2igt3a* c1t tdfn ? 8 industrial nipdau tape & reel, 3,000 units / reel cat24c02vp2e ? gt3* c1t tdfn ? 8 extended nipdau tape & reel, 3,000 units / reel cat24c02vp2egt3a* c1t tdfn ? 8 extended nipdau tape & reel, 3,000 units / reel cat24c02zi ? gt3 c1 msop ? 8 industrial nipdau tape & reel, 3,000 units / reel cat24c02ze ? gt3 c1 msop ? 8 extended nipdau tape & reel, 3,000 units / reel cat24c02zi ? gt3a c1 msop ? 8 industrial nipdau tape & reel, 3,000 units / reel cat24c02ze ? gt3a c1 msop ? 8 extended nipdau tape & reel, 3,000 units / reel cat24c02tdi ? gt3 c1 tsot ? 23 ? 5 industrial nipdau tape & reel, 3,000 units / reel cat24c02tde ? gt3 c1 tsot ? 23 ? 5 extended nipdau tape & reel, 3,000 units / reel cat24c02tdi ? gt3a c1 tsot ? 23 ? 5 industrial nipdau tape & reel, 3,000 units / reel cat24c02tde ? gt3a c1 tsot ? 23 ? 5 extended nipdau tape & reel, 3,000 units / reel cat24c02li ? ga 24c02h pdip ? 8 industrial nipdau tube, 50 units / tube cat24c02le ? ga 24c02h pdip ? 8 extended nipdau tube, 50 units / tube cat24c02hu4igt3a c1u udfn8 ? ep industrial nipdau tape & reel, 3,000 units / reel cat24c02hu4egt3a c1u udfn8 ? ep extended nipdau tape & reel, 3,000 units / reel cat24c02tsi ? t3 c1 tsop ? 5 industrial matte ? tin tape & reel, 3,000 units / reel 9. industrial temperature range is ? 40 c to +85 c and extended temperature range is ? 40 c to +125 c. 10. part numbers ending with ?a? for the cat24c02 are for gresham (product rev h) only die. 11. the cat24c02 ?non ? a? device order numbers use gresham die (rev h) for date codes, starting august 1st, 2012. therefore the specific device marking for these opns reflect rev h die. * the tdfn (vp2) package is not recommended for new designs.
cat24c01, cat24c02, cat24c04, cat24c08, cat24c16 http://onsemi.com 20 cat24c04 ordering information device order number specific device marking package type temperature range (note 12) lead finish shipping cat24c04wi ? g 24c04k soic ? 8 industrial nipdau tube, 100 units / tube cat24c04wi ? gt3 24c04k soic ? 8 industrial nipdau tape & reel, 3,000 units / reel cat24c04we ? gt3 24c04k soic ? 8 extended nipdau tape & reel, 3,000 units / reel cat24c04yi ? g c04k tssop ? 8 industrial nipdau tube, 100 units / tube cat24c04yi ? gt3 c04k tssop ? 8 industrial nipdau tape & reel, 3,000 units / reel cat24c04ye ? gt3 c04k tssop ? 8 extended nipdau tape & reel, 3,000 units / reel cat24c04vp2i ? gt3* c2t tdfn ? 8 industrial nipdau tape & reel, 3,000 units / reel cat24c04li ? g 24c04k pdip ? 8 industrial nipdau tube, 50 units / tube cat24c04le ? g 24c04k pdip ? 8 extended nipdau tube, 50 units / tube cat24c04zi ? gt3 c2 msop ? 8 industrial nipdau tape & reel, 3,000 units / reel cat24c04ze ? gt3 c2 msop ? 8 extended nipdau tape & reel, 3,000 units / reel cat24c04c4atr 4 wlcsp ? 4 industrial n/a tape & reel, 5,000 units / reel cat24c04c5atr 4 wlcsp ? 5 industrial n/a tape & reel, 5,000 units / reel cat24c04tdi ? gt3 c2 tsot ? 23 ? 5 industrial nipdau tape & reel, 3,000 units / reel cat24c04tde ? gt3 c2 tsot ? 23 ? 5 extended nipdau tape & reel, 3,000 units / reel cat24c04hu4i ? gt3 c2u udfn8 ? ep industrial nipdau tape & reel, 3,000 units / reel cat24c04hu4e ? gt3 c2u udfn8 ? ep extended nipdau tape & reel, 3,000 units / reel cat24c08 ordering information device order number specific device marking package type temperature range (note 12) lead finish shipping cat24c08wi ? g 24c08k soic ? 8 industrial nipdau tube, 100 units / tube cat24c08wi ? gt3 24c08k soic ? 8 industrial nipdau tape & reel, 3,000 units / reel cat24c08we ? gt3 24c08k soic ? 8 extended nipdau tape & reel, 3,000 units / reel cat24c08yi ? g c08k tssop ? 8 industrial nipdau tube, 100 units / tube cat24c08yi ? gt3 c08k tssop ? 8 industrial nipdau tape & reel, 3,000 units / reel cat24c08ye ? gt3 c08k tssop ? 8 extended nipdau tape & reel, 3,000 units / reel cat24c08vp2i ? gt3* c3t tdfn ? 8 industrial nipdau tape & reel, 3,000 units / reel cat24c08vp2e ? gt3* c3t tdfn ? 8 extended nipdau tape & reel, 3,000 units / reel cat24c08li ? g 24c08k pdip ? 8 industrial nipdau tube, 50 units / tube cat24c08le ? g 24c08k pdip ? 8 extended nipdau tube, 50 units / tube cat24c08zi ? gt3 c3 msop ? 8 industrial nipdau tape & reel, 3,000 units / reel cat24c08ze ? gt3 c3 msop ? 8 extended nipdau tape & reel, 3,000 units / reel cat24c08c4atr 8 wlcsp ? 4 industrial n/a tape & reel, 5,000 units / reel cat24c08c4ctr** 8 wlcsp ? 4 industrial n/a tape & reel, 5,000 units / reel cat24c08c5atr 8 wlcsp ? 5 industrial n/a tape & reel, 5,000 units / reel cat24c08tdi ? gt3 c3 tsot ? 23 ? 5 industrial nipdau tape & reel, 3,000 units / reel cat24c08tde ? gt3 c3 tsot ? 23 ? 5 extended nipdau tape & reel, 3,000 units / reel cat24c08hu4i ? gt3 c3u udfn8 ? ep industrial nipdau tape & reel, 3,000 units / reel cat24c08hu4e ? gt3 c3u udfn8 ? ep extended nipdau tape & reel, 3,000 units / reel 12. industrial temperature range is ? 40 c to +85 c and extended temperature range is ? 40 c to +125 c. * the tdfn (vp2) package is not recommended for new designs. ** cat24c08c4ctr is a backside coated version. contact factory for other densities.
cat24c01, cat24c02, cat24c04, cat24c08, cat24c16 http://onsemi.com 21 cat24c16 ordering information device order number specific device marking package type temperature range (note 13) lead finish shipping cat24c16wi ? g 24c16k soic ? 8 industrial nipdau tube, 100 units / tube cat24c16wi ? gt3 24c16k soic ? 8 industrial nipdau tape & reel, 3,000 units / reel cat24c16we ? gt3 24c16k soic ? 8 extended nipdau tape & reel, 3,000 units / reel cat24c16yi ? g c16k tssop ? 8 industrial nipdau tube, 100 units / tube cat24c16yi ? gt3 c16k tssop ? 8 industrial nipdau tape & reel, 3,000 units / reel cat24c16ye ? gt3 c16k tssop ? 8 extended nipdau tape & reel, 3,000 units / reel cat24c16vp2i ? gt3* c4t tdfn ? 8 industrial nipdau tape & reel, 3,000 units / reel cat24c16vp2e ? gt3* c4t tdfn ? 8 extended nipdau tape & reel, 3,000 units / reel cat24c16li ? g 24c16k pdip ? 8 industrial nipdau tube, 50 units / tube cat24c16le ? g 24c16k pdip ? 8 extended nipdau tube, 50 units / tube cat24c16zi ? gt3 c4 msop ? 8 industrial nipdau tape & reel, 3,000 units / reel cat24c16ze ? gt3 c4 msop ? 8 extended nipdau tape & reel, 3,000 units / reel cat24c16c4atr 6 wlcsp ? 4 industrial n/a tape & reel, 5,000 units / reel cat24c16c5atr 6 wlcsp ? 5 industrial n/a tape & reel, 5,000 units / reel cat24c16tdi ? gt3 c4 tsot ? 23 ? 5 industrial nipdau tape & reel, 3,000 units / reel cat24c16tde ? gt3 c4 tsot ? 23 ? 5 extended nipdau tape & reel, 3,000 units / reel cat24c16hu4i ? gt3 c4u udfn8 ? ep extended nipdau tape & reel, 3,000 units / reel 13. industrial temperature range is ? 40 c to +85 c and extended temperature range is ? 40 c to +125 c. 14. all packages are rohs ? compliant (lead ? free, halogen ? free). 15. for information on tape and reel specifications, including part orientation and tape sizes, please refer to our tape and ree l packaging specifications brochure, brd8011/d. 16. for detailed information and a breakdown of device nomenclature and numbering systems, please see the on semiconductor devic e nomenclature document, tnd310/d, available at www.onsemi.com * the tdfn (vp2) package is not recommended for new designs. on semiconductor and are registered trademarks of semiconductor co mponents industries, llc (scillc). scillc owns the rights to a numb er of patents, trademarks, copyrights, trade secrets, and other intellectual property. a list ing of scillc?s product/patent coverage may be accessed at ww w.onsemi.com/site/pdf/patent ? marking.pdf. scillc reserves the right to make changes without further notice to any products herein. scillc makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does scillc assume any liability arising out of the application or use of any product or circuit, and s pecifically disclaims any and all liability, including without limitation special, consequential or incidental damages. ?typical? parameters which may be provided in scillc data sheets and/ or specifications can and do vary in different applications and actual performance may vary over time. all operating parame ters, including ?typicals? must be validated for each customer application by customer?s technical experts. scillc does not convey any license under its patent rights nor the right s of others. scillc products are not designed, intended, or a uthorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in whic h the failure of the scillc product could create a situation where personal injury or death may occur. should buyer purchase or us e scillc products for any such unintended or unauthorized appli cation, buyer shall indemnify and hold scillc and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unin tended or unauthorized use, even if such claim alleges that scil lc was negligent regarding the design or manufacture of the part. scillc is an equal opportunity/affirmative action employer. this literature is subject to all applicable copyrig ht laws and is not for resale in any manner. publication ordering information n. american technical support : 800 ? 282 ? 9855 toll free usa/canada europe, middle east and africa technical support: phone: 421 33 790 2910 japan customer focus center phone: 81 ? 3 ? 5817 ? 1050 cat24c01/d on semiconductor is licensed by philips corporation to carry the i 2 c bus protocol. literature fulfillment : literature distribution center for on semiconductor p.o. box 5163, denver, colorado 80217 usa phone : 303 ? 675 ? 2175 or 800 ? 344 ? 3860 toll free usa/canada fax : 303 ? 675 ? 2176 or 800 ? 344 ? 3867 toll free usa/canada email : orderlit@onsemi.com on semiconductor website : www.onsemi.com order literature : http://www.onsemi.com/orderlit for additional information, please contact your local sales representative
mouser electronics authorized distributor click to view pricing, inventory, delivery & lifecycle information: on semiconductor: ? cat24c04li-g? cat24c04zi-gt3? cat24c04wi-gt3? cat24c04yi-gt3? cat24c04vp2i-gt3


▲Up To Search▲   

 
Price & Availability of CAT24C16VP21-GT3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X